Part Number Hot Search : 
WRA0515 0F9TRP00 MMC356 4VHC59 VSC7398 MRF422 SMCJ36 2060CT
Product Description
Full Text Search
 

To Download RP10-1233SE06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features

2:1 Wide Input Voltage Range 10 Watts Output Power 1.6kVDC Isolation UL Certified Fixed Operating Frequency Six-Sided Continuous Shield Standard 50.8 x25.4x10.2mm Package Efficiency to 86%
POWERLINE
DC/DC-Converter
RP10S_DE Series
10 Watt 2" x 1" Package Single & Dual Output
Selection Guide 12V, 24V and 48V Input Types
Part Number Input Range VDC 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 36-75 36-75 36-75 36-75 9-18 9-18 9-18 18-36 18-36 18-36 36-75 36-75 36-75 Output Voltage VDC 3.3 5 12 15 3.3 5 12 15 3.3 5 12 15 5 12 15 5 12 15 5 12 15 Output Current mA 2000 2000 830 670 2000 2000 830 670 2000 2000 830 670 1000 416 333 1000 416 333 1000 416 333 Input (4) Current mA 724 1082 1064 1088 362 534 519 523 183 260 253 258 1068 1053 1041 548 520 520 267 254 260 Efficiency(5) Capacitive(6) Load max. % F 80 81 82 81 80 82 84 84 79 84 86 85 82 83 84 80 84 84 82 86 84 6800 4700 690 470 6800 4700 690 470 6800 4700 690 470 680 330 110 680 330 110 680 330 110
RP10-123.3SE RP10-1205SE RP10-1212SE RP10-1215SE RP10-243.3SE RP10-2405SE RP10-2412SE RP10-2415SE RP10-483.3SE RP10-4805SE RP10-4812SE RP10-4815SE RP10-1205DE RP10-1212DE RP10-1215DE RP10-2405DE RP10-2412DE RP10-2415DE RP10-4805DE RP10-4812DE RP10-4815DE
UL-60950-1 Certified
M * add suffix /M2 for higher efficiencies and extended temperature range. * add /P for CTRL function with Positive Logic (1=ON, 0=OFF) P N * add /N for CTRL function with Negative Logic (0=ON, 1=OFF)
Description
The E-Series of DC/DC Converters are fully certified to EN 60950: 2000. This makes them ideal for all Telecom and safety applications where approved isolation is required. They also meet UL 1950 and CSA 950 standards (9).
www.recom-international.com
July-2006
219
POWERLINE
DC/DC-Converter
RP10-S_DE Series
125 100
Derating-Graph (Ambient Temperature)
125 100 75 Output Power (%) 50 25 0 -25 -10 0 50 60 70 80 90 100 79
RP10-2405SE
RP10-2405SE With Heat Sink
Output Power (%)
Natural Convection
75 50 25 0 -25
Natural Convection
-10 0
Ambient Temperature Range (C)
Ambient Temperature Range (C)
50 60 70 80 90 100 81
125 100 75 Output Power (%) 50 25
RP10-2405DE
125 100
RP10-2405DE With Heat Sink
Output Power (%)
Natural Convection
75 50 25 0 -25
Natural Convection
0 -25
-10 0
50 60 70
Ambient Temperature Range (C)
80 90 100 79
-10 0
Ambient Temperature Range (C)
50 60 70 80 90 100 83
RP10-4805SE
125 100 75 Output Power (%) Output Power (%) 50 25 50 60 70 Ambient Temperature Range (C) 0 -25 -10 0 80 90 100 125 100 75
RP10-2405SE_DE/M1
Natural Convection
50 25
Natural Convection
0 -40 -25 -10 0
50 60 70
Ambient Temperature Range (C)
80 90 100 85
125 100 75 Output Power (%) 50 25
RP10-4805SE/M1
125 100
RP10-2405SE_DE/M1 With Heat Sink
Output Power (%)
Natural Convection
75 50 25
Natural Convection
0 -40 -25 -10 0
50 60 70
Ambient Temperature Range (C)
80 90 100 85
0 -40 -25 -10 0
50 60 70
Ambient Temperature Range (C)
80 90 100 88
Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-number not shown here please contact our technical customer service at info@recom-development.at
220 July-2006 www.recom-international.com
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Input Voltage Range 12V nominal input 24V nominal input 48V nominal input
RP10-S_DE Series
9-18VDC 18-36VDC 36-75VDC Pi Type 12V Input 24V Input 48V Input 36VDC 50VDC 100VDC 30mAp-p 20ms typ. DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Nominal input Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V 20mA 10W max. 2% 10% of full load 1% Single Dual 1% 2% 5% Single Dual 50mVp-p 75mVp-p 0.02%/C max. 500s 3.3V output 5V output 12V output 15V output 3.9V 6.2V 15V 18V 150% typ Hiccup, automatic recovery see Selection Guide" table 1600VDC min. 1 G min. 300pF max. 300kHz typ. UL 1950, EN60950 Standard M1 -25C to +85C(with derating) -40C to +85C(non derating) +100C -55C to +105C continued on next page
Input Filter Input Surge Voltage (100 ms max.)
Input Reflected Ripple (nominal Vin and full load) (see Note 3) Start Up Time (nominal Vin and constant resistor load) Remote ON/OFF (Optional. See Note 7) (Positive logic) (Negative logic) Remote OFF input current Output Power Output Voltage Accuracy (full Load and nominal Vin) Minimum Load (see Note 1) Line Regulation (low line, high line at full load) Load Regulation (25% to 100% full load) Cross Regulation (asymmetrical load 25%/100% full load) Ripple and Noise (20MHz bandwith)
Temperature Coefficient Transient Response (25% load step change) Over Voltage Protection Zener diode clamp
Over Load Protection (% of full load at nominal Vin) Short Circuit Protection Efficiency Isolation Voltage Isolation Resistance Isolation Capacitance Operating Frequency Approved to Safety Standards (see Note 9) Operating Temperature Range (Reference Derating Curve) (see Note 10) Maximum Case Temperature Storage Temperature Range
www.recom-international.com
July-2006
221
POWERLINE
DC/DC-Converter
Specifications (typical at nominal input and 25C unless otherwise noted)
Thermal Impedance (see Note 8) Thermal Shock Vibration Relative Humidity Case Material Base Material Potting Material Conducted Emissions (see Note 11) Radiated Emissions ESD Radiated Immunity Fast Transient Surge Conducted Immunity Weight Dimensions MTBF (see Note 2) EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Natural convection
RP10-S_DE Series
12C/Watt 10C/Watt MIL-STD-810D 10-55Hz, 2G, 30 Min. along X, Y and Z 5% to 95% RH Nickel plated copper Non-conductive black plastic Epoxy (UL94-V0) Level A Level A Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 Perf. Criteria 2 27g 50.8 x 25.4 x 10.2mm 1976 x 103 hours Natural convection with Heat Sink
Notes :
1. The RP10 (W) series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listedspecification. 2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). 3. Simulated source impedance of 12H. 12H inductor in series with +Vin. 4. Maximum value at nominal input voltage and full load of standard type. 5. Typical value at nominal input voltage and full load. 6. Test by minimum Vin and constant resistor load. 7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input. Positive logic ON/OFF is marked with suffix-P (eg. RP10-2405SE/P) Negative logic ON/OFF is marked with suffix-N (eg. RP10-2405SE/N). If no suffix is specified, the control pin will be omitted. 8. Heat sink is optional and P/N: 7G-0020A. 9. The M1 version (RP10-xxxxSE/M1, RP10-xxxxDE/M1) does not carry the UL certification. 10.M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard version. 11. See application notes for EMI-filtering.
222
July-2006
www.recom-international.com
POWERLINE
DC/DC-Converter
Package Style and Pinning (mm)
RP10-S_DE Series
3rd angle projection
50.80
25.40 10.20
dia. 1.0 15.20 20.30
5.6 2.50 5.10
Pin Connections
3 1 2 6
Bottom View
10.20
4
10.20
5
12.70
Pin # Single 1 +Vin 2 -Vin 3 +Vout 4 No Pin 5 -Vout 6* CTRL* *Optional. See Note 7.
Dual +Vin -Vin +Vout Com -Vout CTRL*
Pin Pitch Tolerance 0.35 mm
www.recom-international.com
July-2006
223


▲Up To Search▲   

 
Price & Availability of RP10-1233SE06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X